|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
https://www.phoenixcontact.com/us/produkte/0920083 11.06.2012???page? 1 ?/? 10 fuse modular terminal block?-?usig?-?0920083 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://download.phoenixcontact.com) fuse terminal block, cross section: 0.5 - 16 mm2, awg: 18 - 8, width: 10.2 mm, color: black the illustration shows a combination of versions usig and st1-siled 24 key commercial data packing unit 1 minimum order quantity 50 catalog page page 442 (cl1-2011) gtin custom tariff number 85363010 country of origin germany technical data general number of levels 1 number of connections 2 color black insulating material pa inflammability class according to ul 94 v2 dimensions width 10.2 mm length 61 mm height ns 35/7.5 51.6 mm height ns 35/15 59.1 mm height ns 32 59.1 mm technical data fuse g / 5 x 20 / 5 x 25 / 5 x 30 / 6.3 x 32 fuse type glass rated surge voltage 6 kv pollution degree 3 surge voltage category iii
https://www.phoenixcontact.com/us/produkte/0920083 11.06.2012???page? 2 ?/? 10 fuse modular terminal block?-?usig?-?0920083 technical data technical data insulating material group i connection in acc. with standard iec 60947-7-3 nominal current in 10 a nominal voltage un 500 v (as a fuse terminal block) nominal voltage un 500 v (as a disconnect terminal block) connection data conductor cross section solid min. 0.5 mm2 conductor cross section solid max. 16 mm2 conductor cross section stranded min. 0.5 mm2 conductor cross section stranded max. 16 mm2 conductor cross section awg/kcmil min. 20 conductor cross section awg/kcmil max 6 conductor cross section stranded, with ferrule without plastic sleeve min. 0.5 mm2 conductor cross section stranded, with ferrule without plastic sleeve max. 16 mm2 conductor cross section stranded, with ferrule with plastic sleeve min. 0.5 mm2 conductor cross section stranded, with ferrule with plastic sleeve max. 10 mm2 2 conductors with same cross section, solid min. 0.5 mm2 2 conductors with same cross section, solid max. 4 mm2 2 conductors with same cross section, stranded min. 0.5 mm2 2 conductors with same cross section, stranded max. 6 mm2 2 conductors with same cross section, stranded, ferrules without plastic sleeve, min. 0.5 mm2 2 conductors with same cross section, stranded, ferrules without plastic sleeve, max. 6 mm2 2 conductors with same cross section, stranded, twin ferrules with plastic sleeve, min. 0.5 mm2 2 conductors with same cross section, stranded, twin ferrules with plastic sleeve, max. 6 mm2 cross section with insertion bridge, solid max. 16 mm2 cross section with insertion bridge, stranded max. 16 mm2 connection method screw connection stripping length 13 mm internal cylindrical gage a5 screw thread m4 tightening torque, min 1.5 nm tightening torque max 1.8 nm classifications eclass ecl@ss 4.0 27141116 https://www.phoenixcontact.com/us/produkte/0920083 11.06.2012???page? 3 ?/? 10 fuse modular terminal block?-?usig?-?0920083 classifications eclass ecl@ss 4.1 27141116 ecl@ss 5.0 27141116 ecl@ss 5.1 27141116 ecl@ss 6.0 27141116 etim etim 2.0 ec000899 etim 3.0 ec000899 etim 4.0 ec000899 unspsc unspsc 6.01 30211812 unspsc 7.0901 39121411 unspsc 11 39121411 unspsc 12.01 39121411 unspsc 13.2 39121411 approvals certificates certification csa / ul recognized / gost / bv / prs / gost certification ex certification submitted approval details csa? ? ? mm2/awg/kcmil 24-8 nominal current in 40 a nominal voltage un 600 v ul recognized? ? ? c mm2/awg/kcmil 18-8 nominal current in 40 a https://www.phoenixcontact.com/us/produkte/0920083 11.06.2012???page? 4 ?/? 10 fuse modular terminal block?-?usig?-?0920083 approvals ? ? c nominal voltage un 600 v gost? bv? prs? gost? accessories accessories assembly din rail?-?ns 35/ 7,5 unperf 2000mm?-?0801681 din rail, material: steel, unperforated, height 7.5 mm, width 35 mm, length: 2 m ? ? din rail perforated?-?ns 35/ 7,5 perf 2000mm?-?0801733 din rail, material: steel galvanized and passivated with a thick layer, perforated, height 7.5 mm, width 35 mm, length: 2000 mm ? ? din rail?-?ns 35/ 7,5 cu unperf 2000mm?-?0801762 din rail, material: copper, unperforated, height 7.5 mm, width 35 mm, length: 2 m ? ? din rail?-?ns 32 cu/120qmm unperf 2000mm?-?1201280 g-profile din rail, deep-drawn, material: copper, unperforated, height 15 mm, width 32 mm, length 2 m ? ? https://www.phoenixcontact.com/us/produkte/0920083 11.06.2012???page? 5 ?/? 10 fuse modular terminal block?-?usig?-?0920083 accessories din rail?-?ns 32 al unperf 2000mm?-?1201028 g rail 32 mm (ns 32) ? ? din rail?-?ns 35/15 unperf 2000mm?-?1201714 din rail, material: steel, unperforated, height 15 mm, width 35 mm, length: 2 m ? ? din rail?-?ns 32 cu/35qmm unperf 2000mm?-?1201358 g-profile din rail, material: copper, unperforated, height 15 mm, width 32 mm, length 2 m ? ? din rail?-?ns 32 unperf 2000mm?-?1201015 g-profile din rail, material: steel, unperforated, height 15 mm, width 32 mm, length 2 m ? ? din rail?-?ns 32 perf 2000mm?-?1201002 g-profile din rail, material: steel, perforated, height 15 mm, width 32 mm, length 2 m ? ? https://www.phoenixcontact.com/us/produkte/0920083 11.06.2012???page? 6 ?/? 10 fuse modular terminal block?-?usig?-?0920083 accessories din rail?-?ns 35/15 cu unperf 2000mm?-?1201895 din rail, material: copper, unperforated, 1.5 mm thick, height 15 mm, width 35 mm, length: 2 m ? ? din rail?-?ns 35/15-2,3 unperf 2000mm?-?1201798 din rail, material: steel, unperforated, 2.3 mm thick, height 15 mm, width 35 mm, length: 2 m ? ? din rail, unperforated?-?ns 35/15 al unperf 2000mm?-?1201756 din rail, deep drawn, high profile, unperforated, 1.5 mm thick, material: aluminum, height 15 mm, width 35 mm, length 2000 mm ? ? din rail perforated?-?ns 35/15 perf 2000mm?-?1201730 din rail, material: steel galvanized and passivated with a thick layer, perforated, height 15 mm, width 35 mm, length: 2000 mm ? ? end clamp?-?clipfix 35?-?3022218 snap-on end bracket, for 35 mm ns 35/7.5 or ns 35/15 din rail, can be fitted with zack strip zb 8 and zb 8/27, terminal strip marker klm 2 and klm, width: 9.5 mm, color: gray ? ? end clamp?-?e/uk?-?1201442 end clamp, for assembly on ns 32 or ns 35/7.5 din rail ? ? https://www.phoenixcontact.com/us/produkte/0920083 11.06.2012???page? 7 ?/? 10 fuse modular terminal block?-?usig?-?0920083 accessories partition plate?-?ats-gsk?-?0304227 partition plate, length:?59.5 mm, width:?0.8 mm, height:?58 mm, color:?gray ? ? bridges insertion bridge?-?eb 2-10?-?0203153 insertion bridge, number of positions:?2, color:?gray ? ? insertion bridge?-?eb 10-10?-?0203137 insertion bridge, number of positions:?10, color:?gray ? ? marking marker cards?-?sbs10:unbedruckt?-?1007248 marker cards, card, white, unlabeled, can be labeled with: plotter, perforated, mounting type: snap into tall marker groove, snap into flat marker groove, for terminal block width: 10 mm ? ? zack marker strip?-?zb 10 cus?-?0824941 zack marker strip, strip, white, labeled according to customer specifications, mounting type: snap into tall marker groove, for terminal block width: 10.2 mm, lettering field: 10.15 x 10.5 mm ? ? plug/adapter https://www.phoenixcontact.com/us/produkte/0920083 11.06.2012???page? 8 ?/? 10 fuse modular terminal block?-?usig?-?0920083 accessories fuse plug?-?st-si?-?0920229 fuse plug, length:?45.4 mm, width:?9.9 mm, color:?black ? ? fuse plug?-?st-sila250?-?0920287 fuse plug, length:?45.4 mm, width:?9.9 mm, color:?black ? ? fuse plug?-?st-siled 24?-?0920452 fuse plug, color:?black ? ? fuse plug?-?st 1-si?-?0920326 fuse plug, length:?45.4 mm, width:?9.9 mm, color:?black ? ? fuse plug?-?st 1-siled 24?-?0920384 fuse plug, length:?45.4 mm, width:?9.9 mm ? ? fuse plug?-?st 1-sila 250?-?0920397 fuse plug, length:?45.4 mm, width:?9.9 mm ? ? https://www.phoenixcontact.com/us/produkte/0920083 11.06.2012???page? 9 ?/? 10 fuse modular terminal block?-?usig?-?0920083 accessories isolating connectors?-?st-t?-?0920216 isolating connector, for using the base fuse terminal block as plug disconnect terminal block ? ? drawings circuit diagram circuit diagram 1 = partition plate 2 = insertion bridge https://www.phoenixcontact.com/us/produkte/0920083 11.06.2012???page? 10 ?/? 10 ? phoenix contact 2012 - all rights reserved http://www.phoenixcontact.com |
Price & Availability of 0920083 |